PART |
Description |
Maker |
TAJC107K006KNJ TAJC107K016KNJ TAJC107K016HNJ TAJC1 |
General purpose SMT chip tantalum series CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 47 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 100 uF, SURFACE MOUNT, 2917 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 680 uF, SURFACE MOUNT, 2917 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 100 uF, SURFACE MOUNT, 2312 CHIP CAP 100UF 6V 20% TANT SMD-6032-28 TR-7 CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2312 CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 100 uF, SURFACE MOUNT, 2312 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 100 uF, SURFACE MOUNT, 2312 CHIP
|
AVX Corporation AVX, Corp.
|
LP62S1024BU-55LLT LP62S1024BM-55LLT LP62S1024BM-70 |
SWITCH KEYLOCK DP3T 4A 45DEG 128K的8位低电压CMOS的SRAM Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:10uF; Capacitance Tolerance: /- 10%; Termination:Axial Leaded RoHS Compliant: Yes Round Illuminated pushbutton switch featuring threaded or snap in panel mount design 128K X 8 BIT LOW VOLTAGE CMOS SRAM
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
194D226X0015G7T VISHAYSPRAGUE-194D475X0025F7T H7B |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 22 uF, SURFACE MOUNT, 2711, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 33 uF, SURFACE MOUNT, 2915, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT, 2711, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT, 2711, CHIP CAP,10UF,15V,20%,SMD - Bulk
|
Vishay Sprague
|
B45196H1226K109 B45196H1226J209 B45198H B45198H122 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1500 uF, SURFACE MOUNT CHIP Tantalum Chip Capacitors HighCap
|
KEMET, Corp. EPCOS[EPCOS]
|
HA4.7-3C5AM HA22-2C8RM HA4.7-15N5RK HA4.7-20C9RK H |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 3 V, 4.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 2 V, 22 uF, THROUGH HOLE MOUNT, RADIAL LEADED HA Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-polar CAPACITOR, TANTALUM, SOLID, POLARIZED, 2 V, 15 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 6.8 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 2 V, 6.8 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 2 V, 4.7 uF, THROUGH HOLE MOUNT, AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 4.7 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, TANTALUM, SOLID, NON-POLARIZED, 15 V, 4.7 uF, THROUGH HOLE MOUNT, RADIAL LEADED
|
Vishay Sprague
|
G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751 |
Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模 Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
TS32PC4.7UF/-10125V TS32PC2.7UF/-10125V TS32PB4.7U |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 125 V, 4.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 125 V, 2.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 80 V, 2.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 63 V, 3.9 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 2.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 125 V, 3.3 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 120 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 40 V, 3.9 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 2.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 63 V, 2.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 3.3 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 4.7 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 8.2 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 10 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Ecliptek, Corp. Amphenol, Corp. TE Connectivity, Ltd. Synergy Microwave, Corp.
|
M39003/03-4029D M39003/09-4029D M39003/01-7385A M3 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 470 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 15 V, 120 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 100 V, 2.2 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 6.8 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Vishay Intertechnology, Inc.
|
597D337X96R3V8T 597D687X96R3E2T |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT, 3017, CHIP Solid Tantalum Chip Capacitors
|
Vishay Sprague Vishay Siliconix
|
KA723 KA723D |
Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Case Size: 1.7x3.3 mm; Packaging: Tape & Reel Precision Voltage Regulator From old datasheet system Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Case Size: 1.7x3.3 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 16V; Packaging: Tape & Reel 2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
B45196L015610 B45196L210620 B45196L068620 B45196L0 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT Tantalum Chip Capacitors
|
KEMET, Corp. Kemet Corporation
|
|